Part Number Hot Search : 
3224A SM7744DW 15N120 XMEGA CTP4407 PRODUCTS MC34929 01900
Product Description
Full Text Search
 

To Download ST207EA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST207E
15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
s
s s s
s
ESD PROTECTION FOR RS-232 I/O PINS: 15 KV HUMAN BODY MODEL 230kbps DATE RATE GUARANTEED SLEW RATE 3V/s (Min) OPERATES FROM A SINGLE 5V POWER SUPPLY PACKAGED IN SO-24, SSO-24 AND TSSOP24
SOP
DESCRIPTION The ST207E is a 5 driver and 3 receiver devices designed for RS-232 and V.28 communications in harsh enviroments. Each transmitter output and receiver input is protected against 15KV electrostatic discharge (ESD) shocks. The drivers and receivers of the ST207E meet all EIA/ TIA-232E and CCITT V.28 specifications at data rates up to 120Kbps, when loaded in accordance with the EIA/TIA-232E specification. The ST207E operates with four 0.1F capacitors. It cames in 24-pin SO and TSSOP packages. ORDERING CODES
Type ST207ECD ST207EBD ST207EAD ST207ECDR ST207EBDR ST207EADR ST207ECPR ST207EBDR ST207EAPR ST207ECTR ST207EBTR ST207EATR Temperature Range 0 to 70 C -40 to 85 C -40 to 125 C 0 to 70 C -40 to 85 C -40 to 125 C 0 to 70 C -40 to 85 C -40 to 125 C 0 to 70 C -40 to 85 C -40 to 125 C Package SO-24 (Tube) SO-24 (Tube) SO-24 (Tube) SO-24 (Tape & Reel) SO-24 (Tape & Reel) SO-24 (Tape & Reel) SSOP-24 (Tape & Reel) SSOP-24 (Tape & Reel) SSOP-24 (Tape & Reel) TSSOP24 (Tape & Reel) TSSOP24 (Tape & Reel) TSSOP24 (Tape & Reel)
SSOP
TSSOP
Comments 33parts per tube / 25tube per box 33parts per tube / 25tube per box 33parts per tube / 25tube per box 1000 parts per reel 1000 parts per reel 1000 parts per reel 1350 parts per reel 1350 parts per reel 1350 parts per reel 2500 parts per reel 2500 parts per reel 2500 parts per reel
September 2002
1/9
ST207E
PIN CONFIGURATION
PIN DESCRIPTION
PlN N 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 SYMBOL T3OUT T1OUT T2OUT R1IN R1OUT T2IN T1IN GND VCC C1+ V+ C1C2+ C2VR3IN R3OUT T3IN T4IN T5OUT T5IN R2OUT R2IN T4OUT NAME AND FUNCTION RS-232 Driver Output RS-232 Driver Output RS-232 Driver Output RS-232 Receiver Input TTL/CMOS Receiver Output TTL/CMOS Driver Input Internal Pull-up to VCC TTL/CMOS Driver Input Internal Pull-up to VCC Ground 4.75V to 5.25V Supply Voltage Terminal For Positive Charge-pump Capacitor 2VCC Generated by The Charge-pump Terminal For Negative Charge-pump Capacitor Terminal For Positive Charge-pump Capacitor Terminal For Negative Charge-pump Capacitor -2VCC Generated by The Charge-pump RS-232 Receiver Input TTL/CMOS Receiver Output TTL/CMOS Driver Input Internal Pull-up to VCC TTL/CMOS Driver Input Internal Pull-up to VCC RS-232 Driver Output TTL/CMOS Driver Input Internal Pull-up to VCC TTL/CMOS Receiver Output RS-232 Receiver Input RS-232 Driver Output
2/9
ST207E
ABSOLUTE MAXIMUM RATINGS
Symbol VCC V+ VTIN RIN TOUT ROUT TSHORT Tstg Supply Voltage Extra Positive Voltage Extra Negative Voltage Transmitter Input Voltage Range Receiver Input Voltage Range Transmitter Output Voltage Range Receiver Output Voltage Range Short Circuit Durtion on TOUT Storage Temperature Range Parameter Value -0.3 to 6 (VCC - 0.3) to 14 -14 to 0.3 -0.3 to (VCC + 0.3) 30 (V- - 0.3) to (V+ + 0.3) -0.3 to (VCC + 0.3) Continuous -65 to 150 C Unit V V V V V V V
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. V+ and V- can have a maximum magnitude of +7V, but their absolute addition can not exceed 13 V.
ESD PERFORMANCE: TRANSMITTER OUTPUTS, RECEIVER INPUTS
Symbol ESD ESD Parameter ESD Protection Voltage ESD Protection Voltage Test Conditions Human Body Model IEC-1000-4-2 Contact Disharge Min. 15 8 Typ. Max. Unit KV KV
ELECTRICAL CHARACTERISTICS (C1 - C 4 = 0.1F, VCC = 5V 5%, TA = MIN to MAX, unless otherwise specified. Typical values are referred to TA = 25C)
Symbol Parameter No Load Test Conditions TA = 25C Min. Typ. 2 Max. 5 Unit mA ISUPPLY VCC Power Supply Current
RECEIVER ELECTRICAL CHARACTERISTICS (C1 - C4 = 0.1F, VCC = 5V 5%, TA = MIN to MAX, unless otherwise specified. Typical values are referred to TA = 25C)
Symbol VRIN VRIL VRIH RRIN VOL VOH Parameter Receiver Input Voltage Operating Range Input Threshold Low Input hreshold High Input Resistance Output Voltage Low Output Voltage High IOUT = -1mA 3.5 VCC-0.4 Test Conditions Min. -30 TA = 25C TA = 25C TA = 25C VCC = 5V VCC = 5V 0.2 3 VCC = 5V 0.8 1.2 1.7 0.5 5 2.4 1 7 0.4 Typ. Max. 30 Unit V V V V K V V
VRIHYS Input Hysteresys
VCC = 5V, no hysteresis in shutdown
3/9
ST207E
TRANSMITTER ELECTRICAL CHARACTERISTICS (C1 - C 4 = 0.1F, VCC = 5V 5%, TA = MIN to MAX, unless otherwise specified. Typical values are referred to TA = 25C)
Symbol VTOUT ROUT ISC IIL VTIL VTIH Parameter Output Voltage Swing Test Conditions All Driver loaded with 3K to GND VOUT = 2V Min. 5 300 18 15 0.2 60 200 0.8 Typ. 8.5 Max. Unit V mA A V V
Transmitter Output VCC = V+ = V- = 0V Resistance Output Short Circuit Current Input Pull-Up Current Input Logic Threshold Low Input Logic Threshold High TIN = 0V
TIMING CHARACTERISTICS (C1 - C 4 = 0.1F, VCC = 5V 5%, TA = MIN to MAX, unless otherwise specified. Typical values are referred to TA = 25C)
Symbol DR Parameter Maximum Data Rate Test Conditions Min. 150 230 Typ. 240 300 0.2 2 3 7 10 3 30 Max. Unit Kbps Kbps s s V/s RL = 3K to 7K CL= 50pF to 1000pF one trasmitter switching RL = 3K to 7K CL= 50pF to 150pF one trasmitter switching Receiver Propagation Delay All drivers loaded with 3K to GND Transmitter Propagation Delay Transition-Region Slew Rate RL = 3K CL= 2500pF All transmitter loaded VCC = 5V TA = 25C RL = 3 to 7K CL = 50pF to 1000pF measured from +3V to -3V or -3V to +3V
tPHLR tPLHR tPHLT tPLHT SR
4/9
ST207E
APPLICATION CIRCUITS
CAPACITANCE VALUE (F)
C1 0.1 C2. 0.1 C3 0.1 C4 0.1 C5 0.1
5/9
ST207E
SO-24 MECHANICAL DATA
mm. DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L S 7.40 0.50 15.20 10.00 1.27 13.97 7.60 1.27 8 (max.) 0.291 0.020 15.60 10.65 0.35 0.23 0.5 45 (typ.) 0.598 0.393 0.050 0.550 0.300 0.050 0.614 0.419 0.1 TYP MAX. 2.65 0.2 2.45 0.49 0.32 0.014 0.009 0.020 0.004 MIN. TYP. MAX. 0.104 0.008 0.096 0.019 0.012 inch
L
a2
e3 D
E
24
13
1
1
2
F
a1
s
6/9
b1
PO13T
b
e
A
C
c1
ST207E
SSOP24 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.25 0.50 1.51 0.25 0.10 8.35 7.6 5.02 6.10 0.65 BSC 10 0.80 0 0.010 0.020 0.30 TYP MAX. 2 0.25 2.00 0.35 0.35 9.35 8.7 6.22 0.059 0.010 0.004 0.329 0.246 0.198 0.252 0.240 0.0256 BSC 10 0.031 0.012 MIN. TYP. MAX. 0.079 0.010 0.079 0.014 0.014 0.368 0.256 0.245 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
7/9
ST207E
TSSOP24 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.50 0.19 0.09 7.7 6.25 4.3 0.65 BSC 8 0.70 0 0.020 0.05 0.9 0.30 0.20 7.9 6.5 4.5 0.0075 0.0035 0.303 0.246 0.169 0.0256 BSC 8 0.028 TYP MAX. 1.1 0.15 0.002 0.035 0.0118 0.0079 0.311 0.256 0.177 MIN. TYP. MAX. 0.043 0.006 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
7047476A
8/9
ST207E
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of ST207EA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X